Part Number Hot Search : 
SC284 OP240A MJ160 LS98N OP240A SMCJ90A S7241 RJP40
Product Description
Full Text Search
 

To Download EC642 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  materials eclipse mini is made of corrosion resistant 356 aluminum alloy with a copper (cu) content of less than 0.1%. cast aluminum heat sink to optimize heat management and luminaire efficacy. led platform is mechanically secured and easily removable for maintenance or upgrade. EC642: standard luminaire for general illumination without shade. includes set of three aluminum louvers. ec643: includes a .090 thick hard aluminum shade. underside surface is painted white enamel to optimize light performance. set of three aluminum louvers. electrical led driver standard driver is 0-10v dimming-ready (dims to 10%) with: 120-277 multi-volt compatibility (50-60hz), optional 347v on request, minimum operating temperature of -30oc/-22of, output over voltage protection, output over current protection, output short circuit protection with auto-recovery, and over temperature protection (110oc) . led standard 4000k/80cri. optional 2700k, 3000k and 3500k. removable modular led platform . life 60,000hrs l 86 b 50 (based on iesna tm-21 test method and lm-80 data). 139,000hrs l 70 b 50 (calculated projection from lm-80 data). finish five-stage preparation process includes preheating of cast aluminum parts for air extraction. polyester powder coating is applied through an electrostatic process, and oven cured for long term finish. mounting maximum weight : 8.07 lbs (3.66kg) mounts on a standard 4 (102) octagonal electrical box with 3 1/2 (89) c/c mounting holes. on site conditions may require separate mounting (by others). certification tested to ul1598 and csa 22.2 #250. etl listed damp location. photometric testing performed by an independent laboratory in accordance with ies lm-79-08 standards at 25oc. lumen depreciation in accordance with iesna lm80 standards. ce certification on request. rated ip44. 1 1- standard heavy duty 45o hang straight swivel, with 5 diameter (127) canopy and universal mounting plate. 2- 7/8 diameter (22) x36 long (900). precut factory stems are available on request. (specify stm with desired length) 3- led driver housing. 4- one piece .090 (2.3) thick hard aluminum top shade. underside surface is painted white enamel to optimize light performance (ec643 only). 5- set of 4x 1/2 (13) solid aluminum struts. 6- set of three aluminum louvers. 7- high impact white translucent uv stabilized acrylic diffuser. 8- heavy cast aluminum cover with integral led heat dissipating pad.. mar 2017 rev.0 EC642 ec643 EC642/ec643 series eclipse mini - led 6 pendant 1 3 2 5 7 8 4 ec643 epa: 0.88 17.8 (452) 20 (508) 36 (914) 8.7 (221) EC642 epa: 0.75 6 luminis.com luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis type: quantity: project: catalog number: fixture wattage voltage finish option option option option
2 mar 2017 rev.0 notes 1- if no voltage is specified, luminaires are factory prewired by default for 120v. for other voltages, please specify with catalog number, or consult factory. electrical mounting cat2 catenary suspension attachment stc safety cable stm longer hang straight stem. please add length with option suffix. spg silver braided power cord with adjustable suspension cable. 36 in length (other lengths available, please specify). ssc stabilizer cables wet modification for wet location reml2-50 remote mount battery backup for led. 90 min, 7w. remote mount to 50ft. 12 square enclosure with access cover. fs fuse ph photocell dlo luminous opening for downlight 347l 347v input power driver standard colors wht snow white bkt jet black bzt bronze mst matte silver grt titanium gray dgt gun metal cht champagne optional colors cs custom color ral ral# color (refer to color chart) 120v 277v optional 347v model# led light selection (4000k/80cri) voltage 1 finish suffix l1w18r1 l1w30r1 l1w48r0 input watts 19w 34w 50w delivered lumens 1160 2006 2812 EC642 luminaire selection typical photometry summary options ec643 EC642/ec643 series eclipse mini - led please visit our web site www.luminis.com for complete i.e.s. formatted download data. descriptive information EC642/ec643-l1w48r0 total lms: 2812 lumens total input watts: 49.6 w source: led efficacy: 56.7 lumens/watt bug: b1-u3-g2 cct/cri: 4000k/80 maximum candela: 385 @ 65 ov light alternate cct ok led (lcf: lumen conversion factor) k27 2700k cct 80 cri (lcf: 0.91) k3 3000k cct 80 cri (lcf: 0.94) k35 35 00k cct 80 cri (lcf: 0.98) note: other cct & higher cri available, please consult factory. luminis.com luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis
3 mar 2017 rev.0 options mounting spg 4/18 x 36 lg. silver braided power cable c/w on site adjustable suspension cable. longer suspension available on request. electrical dlo luminous opening for downlight. ssc set of three stabilizer cables. stem EC642/ec643 series eclipse mini - led 4.1 (104) 12.0 (305) max. distance 50ft. (15.2 m) 10.0 (254) 10.0 (254) reml2-50 7w remote mount 120/277v emergency battery pack. (4) mtg. holes ? 0.200 (5) cat2 cast aluminum catenary junction box with (2) 1/2 sealed connectors for power cable. ready to accept 1/4 stainless steel suspension cable. (structural design, power cable, stainless steel catenary cable, cable fittings, and fittings for mounting to support structure provided by others.) 20.95 (532.1) 11.85 (301) 1/4 dia. aircraft cable power cable in catenary junction box catenary suspension luminis.com luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis


▲Up To Search▲   

 
Price & Availability of EC642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X